Part Number Hot Search : 
ML741 DAC10 NDD02N40 75100 C78L45BD HV9113PJ RL205 NM60FD
Product Description
Full Text Search
 

To Download APT30D30BCTG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product benefits low losses low noise switching cooler operation higher reliability systems increased system powerdensity product features ultrafast recovery times soft recovery characteristics popular to-247 package low forward voltage high blocking voltage low leakage current product applications parallel diode -switchmode power supply-inverters free wheeling diode -motor controllers-converters snubber diode uninterruptible power supply (ups) induction heating high speed rectifiers ultrafast soft recovery rectifier diode apt30d30bct (g) 300v 2x30a 053-3003 rev c 1-2004 apt website - http://www.advancedpower.com static electrical characteristics characteristic / test conditionsmaximum d.c. reverse voltage maximum peak repetitive reverse voltage maximum working peak reverse voltage maximum average forward current (t c = 119c, duty cycle = 0.5) rms forward current (square wave, 50% duty)non-repetitive forward surge current (t j = 45c, 8.3ms) operating and storagetemperature rangelead temperature for 10 sec. symbol v r v rrm v rwm i f (av) i f (rms) i fsm t j ,t stg t l unit volts amps c apt30d30bct (g) 300 3070 320 -55 to 150 300 maximum ratings all ratings are per leg: t c = 25c unless otherwise specified. symbol v f i rm c t unit volts a pf min typ max 1.2 1.4 1.5 1.0 250500 80 forward voltagemaximum reverse leakage current junction capacitance, v r = 200v i f = 30a i f = 60a i f = 30a, t j = 125c v r = v r rated v r = v r rated, t j = 125c 1 3 2 1 - anode 1 2 - common cathode back of case - cathode 3 - anode 2 to-247 1 2 3 *g denotes rohs compliant, pb free terminal finish. downloaded from: http:///
apt30d30bct dynamic characteristics 053-3003 rev c 1-2004 thermal and mechanical characteristics apt reserves the right to change, without notice, the specifications and information contained herein. characteristic / test conditionsjunction-to-case thermal resistance junction-to-ambient thermal resistance package weight maximum mounting torque symbol r jc r ja w t torque min typ max .67 40 0.22 5.9 10 1.1 unitc/w oz g lb in n m min typ max - 20 -2 5 -2 8 -2- -5 5 - 150 -5- -3 3 - 300 -1 6 unit ns nc amps ns nc amps ns nc amps characteristicreverse recovery time reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current reverse recovery time reverse recovery charge maximum reverse recovery current symbol t rr t rr q rr i rrm t rr q rr i rrm t rr q rr i rrm test conditions i f = 30a, di f /dt = -200a/s v r = 200v, t c = 25c i f = 30a, di f /dt = -200a/s v r = 200v, t c = 125c i f = 30a, di f /dt = -800a/s v r = 200v, t c = 125c i f = 1a, di f /dt = -100a/s, v r = 30v, t j = 25c z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 rectangular pulse duration (seconds) figure 1a. maximum effective transient thermal impedance, junction-to-case vs. pulse duration 0.700.60 0.50 0.40 0.30 0.20 0.10 0 note: duty factor d = t 1 / t 2 peak t j = p dm x z jc + t c t 1 t 2 p dm 0.5 single pulse 0.1 0.3 0.7 0.9 0.05 figure 1b, transient thermal impedance model 0.289 c/w 0.381 c/w 0.00448 j/ c 0.120 j/ c power (watts) rc model junctiontemp ( c) case temperature ( c) downloaded from: http:///
053-3003 rev c 1-2004 apt30d30bct (g) typical performance curves t j = 125c v r = 200v 15a 30a 60a t rr q rr q rr t rr i rrm q rr , reverse recovery charge i f , forward current (nc) (a) i rrm , reverse recovery current t rr , reverse recovery time (a) (ns) t j = -55c t j = 25c t j = 125c t j = 150c t j = 125c v r = 200v 0 0.05 1 1.5 2 0 200 400 600 800 1000 0 200 400 600 800 1000 0 200 400 600 800 1000 v f , anode-to-cathode voltage (v) -di f /dt, current rate of change(a/s) figure 2. forward current vs. forward voltage figure 3. reverse recovery time vs. current rate of change -di f /dt, current rate of change (a/s) -di f /dt, current rate of change (a/s) figure 4. reverse recovery charge vs. current rate of change figure 5. reverse recovery current vs. current rate of change duty cycle = 0.5 t j = 150c t j = 125c v r = 200v 60a 30a 15a 100 8060 40 20 0 350300 250 200 150 100 50 0 15a 30a 60a 6050 40 30 20 10 0 1816 14 12 10 86 4 2 0 8070 60 50 40 30 20 10 0 c j , junction capacitance k f , dynamic parameters (pf) (normalized to 800a/s) i f(av) (a) 1.41.2 1.0 0.8 0.6 0.4 0.2 0.0 600500 400 300 200 100 0 0 25 50 75 100 125 150 25 50 75 100 125 150 .1 1 10 100 200 t j , junction temperature (c) case temperature (c) figure 6. dynamic parameters vs. junction temperature figure 7. maximum average forward current vs. casetemperature v r , reverse voltage (v) figure 8. junction capacitance vs. reverse voltage downloaded from: http:///
apt30d30bct (g) 053-3003 rev c 1-2004 4 3 1 2 5 5 zero 1 2 3 4 di f /dt - rate of diode current change through zero crossing. i f - forward conduction current i rrm - maximum reverse recovery current. t rr - reverse r ecovery time, measured from zero crossing where diode q rr - area under the curve defined by i rrm and t rr . current goes from positive to negative, to the point at which the straight line through i rrm and 0.25 i rrm passes through zero. figure 9. diode test circuit figure 10, diode reverse recovery waveform and definitions 0.25 i rrm pearson 2878 current transformer di f /dt adjust 30 h d.u.t. +18v 0v v r t rr / q rr waveform apt30m75b2ll 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244) 6.15 (.242) bsc 4.50 (.177) max. 19.81 (.780) 20.32 (.800) 20.80 (.819) 21.46 (.845) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055) 5.45 (.215) bsc 3.55 (.138) 3.81 (.150) 2.87 (.113) 3.12 (.123) 4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 2.21 (.087) 2.59 (.102) 0.40 (.016) 0.79 (.031) common cathode anode 2 anode 1 dimensions in millimeters and (inches) common cathode 2-plcs. to-247 package outline e1 sac: tin, silver, copper downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APT30D30BCTG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X